|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TOTAL POWER INT'L 320W Single Output with PFC Function Features : Universal AC input / Full range Built-in active PFC function, PF>0.95 Protections:Short circuit/Over load/Over voltage/Over temperature Forced air cooling by built-in DC Fan Built-in fan speed control Fixed switching frequency at 100KHz 3 years warranty SP-320 series SPECIFICATION MODEL DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT VOLTAGE ADJ. RANGE VOLTAGE TOLERANCE Note.3 LINE REGULATION LOAD REGULATION SETUP, RISE, HOLD TIME VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR INPUT EFFICIENCY (Typ.) AC CURRENT INRUSH CURRENT (max.) LEAKAGE CURRENT OVER LOAD PROTECTION OVER VOLTAGE OVER TEMPERATURE WORKING TEMP. SP-320-5 5V 55A 0 ~ 60A 275W 4.5 ~ 5.5V 2.0% 0.5% 1.0% 88 ~ 264VAC 47~63Hz PF>0.95/230VAC 79% 5A/115VAC 22A/115VAC <1mA / 240VAC 105 ~ 135% rated output power Protection type : Hiccup mode, recovers automatically after fault condition is removed 9.4 ~ 10.9V 13.8 ~ 16.2V 15.5 ~ 18.2V 18 ~ 21V 27.6 ~ 32.4V 5.75 ~ 6.75V Protection type : Shut down o/p voltage, re-power on to recover 80 5 (70 5 5V only) (TSW1 : Detect on heatsink of power transistor) Protection type : Shut down o/p voltage, recovers automatically after temperature goes down -20 ~ +65 (Refer to output load derating curve) SP-320-7.5 7.5V 40A 0 ~ 40A 300W 150mVp-p 6 ~ 9V 2.0% 0.5% 1.0% SP-320-12 12V 25A 0 ~ 25A 300W 150mVp-p 10 ~ 13.2V 1.0% 0.3% 0.5% SP-320-13.5 13.5V 22A 0 ~ 22A 297W 150mVp-p 12 ~ 15V 1.0% 0.3% 0.5% SP-320-15 15V 20A 0 ~ 20A 300W 150mVp-p 13.5 ~ 18V 1.0% 0.3% 0.5% SP-320-24 24V 13A 0 ~ 13A 312W 150mVp-p 20 ~ 26.4V 1.0% 0.2% 0.5% SP-320-27 27V 11.7A 0 ~ 11.7A 315.9W 200mVp-p 26 ~ 32V 1.0% 0.2% 0.5% SP-320-48 48V 6.7A 0 ~ 6.7A 321.6W 240mVp-p 41 ~ 56V 1.0% 0.2% 0.5% RIPPLE & NOISE (max.) Note.2 150mVp-p 800ms, 50ms, 16ms/230VAC 120 ~ 370VDC 2500ms, 50ms, 16ms/115VAC at full load PF>0.98/115VAC at full load 86% 86% 86% 87% 88% 89% 83% 2.5A/230VAC 40A/230VAC 33.7 ~ 39.2V 57.6 ~ 67.2V 20 ~ 90% RH non-condensing WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY -40 ~ +85 , 10 ~ 95% RH TEMP. COEFFICIENT 0.03%/ (0 ~ 50 VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE SAFETY & ISOLATION RESISTANCE EMC (Note 4) 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes UL60950, TUV EN60950 Approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B HARMONIC CURRENT Compliance to EN61000-3-2,-3 EMS IMMUNITY MTBF OTHERS DIMENSION PACKING NOTE Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, Light industry level, criteria A 207K hrs min. MIL-HDBK-217F (25 215*115*50mm (L*W*H) 1.2Kg; 12pcs / 14.4Kg / 0.98CUFT ) 1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 320W Single Output with PFC Function Mechanical Specification 117.5 32.5 27.5 150 177.5 US P --3 2 0 25 SP 320 Case No. 912 s e r iie s ser es Unit:mm LED +V ADJ. 9 8 9.5 7 36.7 135 5 4 4-M4 L=5mm 48.7 2 5 15 215 14 32.5 150 16 10 1 32.5 5-M3 L=3mm 50.5 Air flow direction 3 8 25 4-M4 L=5mm Terminal pin number assignment : Pin No. 1 2 3 Assignment AC/L AC/N FG Pin No. Assignment 4~6 DC OUTPUT -V 7~9 DC OUTPUT +V Derating Curve Static Characteristics (5V) Ta=25 50 115 50 6 95 100 100 300 250 200 150 100 50 25 80 Others 90 80 70 60 LOAD (%) LOAD (%) 60 70 40 60 50 40 5V 20 -20 0 10 20 30 40 50 88 90 95 100 115 135 155 175 195 230 264 AMBIENT TEMPERATURE ( ) INPUT VOLTAGE (VAC) 60Hz |
Price & Availability of SP-320 |